PART |
Description |
Maker |
27C080 AT27C080 AT27C080-10DC AT27C080-10DI AT27C0 |
8-Megabit 1M x 8 UV Erasable CMOS EPROM 1M X 8 OTPROM, 90 ns, PQCC32 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 1M X 8 OTPROM, 90 ns, PQCC32 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SSOP -40 to 85 1M X 8 OTPROM, 120 ns, PDSO32 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85
|
ATM Electronic, Corp. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
IDT74LVC374ASO IDT74LVC374A IDT74LVC374APG IDT74LV |
3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5V TOLERANT I/O 3.3V CMOS Octal Edge-Triggered D-Type Flip-Flop with 3-State Outputs, 5.0V Tolerant I/O 3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O From old datasheet system 3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIPFLOP
|
IDT[Integrated Device Technology]
|
DM74ALS374 DM74ALS374N DM74ALS374SJ DM74ALS374WM D |
Octal 3-STATE D-Type-Edge-Triggered Flip-Flops From old datasheet system 9-Bit Bus-Interface Flip-Flop With 3-State Outputs 24-SOIC -40 to 85 Octal 3-STATE D-Type Edge-Triggered Flip-Flop ALS SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
74ACT244SJX 74AC244 74AC244MTC 74AC244MTCX 74AC244 |
Octal Buffer/Line Driver with 3-STATE Outputs Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear And Preset 14-SO 0 to 70 Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear And Preset 14-SOIC 0 to 70
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
HD74LV273A |
Octal D-type Edge-triggered Flip-Flops with Clear
|
Hitachi Semiconductor
|
HD74LV374A |
Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
IDM29901NC 74LS373 74LS374 74373 |
3-STATE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
|
Fairchild Semiconductor
|
HCS374MS_04 HCS374D_SAMPLE HCS374DMSR HCS374HMSR H |
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
|
INTERSIL[Intersil Corporation]
|
HD74HCT74A HD74HCT74AT HD74HCT74AFP |
Dual D-type Positive Edge-triggered Flip Flops with Clear and Preset Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-CDIP -55 to 125 FLIP-FLOP|DUAL|D TYPE|HCT-CMOS|TSSOP|14PIN|PLASTIC FLIP-FLOP|DUAL|D TYPE|HCT-CMOS|SOP|14PIN|PLASTIC
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
DM74LS374 DM74LS374SJ DM74LS374WM DM74LS373N DM74L |
(DM74LS373 / DM74LS374) 3-STATE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|